PART |
Description |
Maker |
70246-3402 70246-2602 70246-2002 70246-0802 70246- |
2.54mm CGrid Hdr Shrd /Slt .76AuLF 34Ckt 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 26PIN(2X13) 2.54MM T/H 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 20Ckt RoHS Compliant: Yes 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd W/Slt 0.5AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CON/ 34MP HRS SO T S00 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm 26ckt Hdr Shrd /Slt .38AuLF void1 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .13AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. SIEMENS AG
|
CP308 CP3010 CP300 CP306 CP304 CP302 CP301 |
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A 单相硅桥式PC的MTG的甲,热沉MTG3A SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A/ HEAT-SINK MTG 3A
|
Transys Electronics, Ltd. TRSYS
|
87834-3041 |
CGrid Hdr W/Pg/Slt 1PdNiAuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
MTG-24064F |
MTG-24064F
|
List of Unclassifed Manufacturers ETC[ETC] Microtips Technology
|
MTG-12232B |
MTG-12232B
|
Electronic Theatre Controls, Inc. Microtips Technology
|
MTG10W |
MTG 10W DC/DC Converter
|
M-tech
|
MTG-12232D |
LCD MODULE MTG-12232D
|
List of Unclassifed Manufacturers Microtips Technology ETC[ETC] Electronic Theatre Controls, Inc.
|
874-11-3 SD874-11-3 |
SMA BULKHEAD RECEPTACLE (FRONT MTG)
|
Winchester Electronics Corporation
|
FM520-B FM580-B FM5100-B FM550-B |
CONVERTER, DC-DC, 24V IN, 5V@ 1A OUT, PC MTG. Chip Schottky Barrier Diodes - Silicon epitaxial planer type
|
美丽微半导体有限公司
|
ISO212KP ISO212JP-15 |
Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER 低成本,双端口隔离,1500Vrms隔离放大 30/PG/CL/BECU/LL/FLNG/THD INSERT/30AVG 低成本,双端口隔离,1500Vrms隔离放大
|
Thomas Infineon Technologies AG
|
MAX114-MAX118 MAX118 MAX118CAI MAX118CPI MAX118EAI |
5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 5V 1Msps 4 & 8-Channel 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1μA Power-Down 6 OUTLETS 15 FT RACK MTG 5V / 1Msps / 4 & 8-Channel / 8-Bit ADCs with 1A Power-Down Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 8-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC Vicor, Corp.
|
|